PART |
Description |
Maker |
2SA1932 |
POWER AMPLIFIER APPLICATIONS DRIBVER STAGE AMPLIFIER APPLICATIONS TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
RA13H4047M RA13H4047M-01 RA13H4047M-E01 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V 2 Stage Amp. For MOBILE RADIO MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V/ 2 Stage Amp. For MOBILE RADIO
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
FDMS7650 |
30V N-Channel PowerTrench® MOSFET; 8-Power 56 (PQFN) 36 A, 30 V, 0.99 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench? MOSFET 30 V, 60 A, 0.99 mΩ N-Channel PowerTrench垄莽 MOSFET 30 V, 60 A, 0.99 m楼?
|
Fairchild Semiconductor, Corp.
|
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FVSB FVSB-007B FVSB-016B FVSB-030B FVSB-042B FVSB- |
FVSB Three pase double stage filter Three Phase One Stage
|
PREMO CORPORATION S.L
|
2MP04-032-10 2MP04-032-12 2MP04032 2MP04-032-15 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
2MP04-060-10 2MP04-060-12 2MP04-060-15 2MP04060 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
QPP-003 |
QuikPAC module data. 60W, 869-894 MHz, Class AB power stage. 60W, 869-894 MHz Class AB Power Stage
|
XEMOD List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
PI74ST1G86CX PI74ST1G86 PI74ST1G86TX |
High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 SOTiny Gate ST 2-Input Exclusive OR
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|